Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download 2SD1816S-TL-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  60612 tkim ta-4145, ta-4275, ta-3737/n2503tn (kt)/92098ha (kt)/8229mo/4087ta, ts no.2540-1/9 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 2sb1216/2sd1816 bipolar transistor (?) 100v, (?) 4a, low v ce ( sat ) , ( pnp ) npn single tp/tp-fa 2,4 3 1 2sd1816 2,4 3 1 2sb1216 applications ? suitable for relay drivers, high-speed inverters, converters, and other general high-current switching applications features ? low collector-to-emitter saturation voltage ? good linearity of h fe ? small and slim package facilitating compactness of sets ? high f t ? fast switching time speci cations ( ): 2sb1216 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--)120 v collector-to-emitter voltage v ceo (--)100 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)4 a collector current (pulse) i cp (--)8 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en2540b product & package information ? package : tp ? package : tp-fa ? jeita, jedec : sc-64, to-251 ? jeita, jedec : sc-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking packing type (tp-fa) : tl electrical connection (tp, tp-fa) tl 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp-fa 2sb1216s-e 2sb1216s-h 2sb1216t-e 2sb1216t-h 2sd1816s-e 2sd1816s-h 2sd1816t-e 2sd1816t-h 2sb1216s-tl-e 2sb1216s-tl-h 2sb1216t-tl-e 2sb1216t-tl-h 2SD1816S-TL-E 2sd1816s-tl-h 2sd1816t-tl-e 2sd1816t-tl-h b1216 d1816 lot no. rank lot no. rank
2sb1216 / 2sd1816 no.2540-2/9 i c =10i b1 = --10i b2 =2a for pnp, the polarity is reversed. v r r b v cc =50v v be = --5v + + 50 7 input output 100 m f 470 m f pw=20 m s i b1 d.c. b 1% i b2 continued from preceding page. parameter symbol conditions ratings unit collector dissipation p c 1w tc=25 c20w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)100v, i e =0a (--)1 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)1 a dc current gain h fe 1v ce =(--)5v, i c =(--)0.5a 70* 400* h fe 2v ce =(--)5v, i c =(--)3a 40 gain-bandwidth product f t v ce =(--)10v, i c =(--)0.5a (130)180 mhz output capacitance cob v cb =(--)10v, f=1mhz (65)40 pf collector-to-emitter saturation voltage v ce (sat) i c =(--)2a, i b =(--)0.2a (--200)150 (--500)400 mv base-to-emitter saturation voltage v be (sat) v ce =(--)2a, i c =(--)0.2a (--)0.9 (--)1.2 v collector-to-base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--)120 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)100 v emitter-to-base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. 100 ns storage time t stg (800)900 ns fall time t f 50 ns * : the 2sb1216/2sd1816 are classi ed by 0.5a h fe as follows : rank q r s t h fe 70 to 140 100 to 200 140 to 280 200 to 400 switching time test circuit ordering information device package shipping memo 2sb1216s-e tp 500pcs./bag pb free 2sb1216s-h tp 500pcs./bag pb free and halogen free 2sb1216t-e tp 500pcs./bag pb free 2sb1216t-h tp 500pcs./bag pb free and halogen free 2sd1816s-e tp 500pcs./bag pb free 2sd1816s-h tp 500pcs./bag pb free and halogen free 2sd1816t-e tp 500pcs./bag pb free 2sd1816t-h tp 500pcs./bag pb free and halogen free 2sb1216s-tl-e tp-fa 700pcs./reel pb free 2sb1216s-tl-h tp-fa 700pcs./reel pb free and halogen free 2sb1216t-tl-e tp-fa 700pcs./reel pb free 2sb1216t-tl-h tp-fa 700pcs./reel pb free and halogen free 2SD1816S-TL-E tp-fa 700pcs./reel pb free 2sd1816s-tl-h tp-fa 700pcs./reel pb free and halogen free 2sd1816t-tl-e tp-fa 700pcs./reel pb free 2sd1816t-tl-h tp-fa 700pcs./reel pb free and halogen free stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty.
2sb1216 / 2sd1816 no.2540-3/9 i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a i c -- v ce collector-to-emitter voltage, v ce -- v i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a collector current, i c -- a i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a h fe -- i c collector current, i c -- a dc current gain, h fe h fe -- i c collector current, i c -- a dc current gain, h fe 5 4 3 2 1 12 4 35 0 0 itr09251 2sd1816 90ma 80ma 70ma 60ma 50ma 40ma -- 5 -- 4 -- 3 -- 2 -- 1 0 0 --1 --2 --4 -- 3 -- 5 itr09250 2sb1216 i b =0 --2ma --10ma --40ma --30ma --20ma --5ma i b =0 2ma 5ma 10ma 20ma 30ma 100ma from top --100ma --90ma --80ma --70ma --60ma --50ma 2sd1816 v ce =5v 100 --0.01 1000 5 7 3 2 5 7 10 3 2 5 7 5 --0.1 23 5 23 5 --1.0 23 5 --10 2sb1216 v ce = --5v itr09256 ta=7 5 c 25 c --25 c 100 0.01 1000 5 10 3 2 7 5 3 2 7 7 5 5 0.1 10 23 5 23 5 23 5 1.0 itr09257 ta=75 c 25 c --25 c 2.0 1.6 1.2 0.8 0.4 10 20 40 30 50 0 0 itr09253 2sd1816 --2.0 --1.6 --1.2 --0.8 --0.4 0 0 --10 --20 --40 --30 --50 itr09252 2sb1216 i b =0 --1ma --3ma --8ma --9ma --10ma -- 7 m a --6ma --5ma --4ma --2ma i b =0 1ma 2ma 3ma 4ma 5ma 6ma 7ma 8ma -- 5 -- 4 -- 3 -- 2 -- 1 0 0 --0.2 --0.4 --0.6 --0.8 --1.0 --1.2 itr09254 2sb1216 v ce = --5v --25 c 25 c ta=75 c 5 4 3 2 1 0 0 0.2 0.4 0.6 0.8 1.0 1.2 itr09255 2sd1816 v ce =5v --25 c 25 c ta=75 c
2sb1216 / 2sd1816 no.2540-4/9 2sb1216 / 2sd1816 f=1mhz 0.1 5 100 10 3 2 3 2 7 5 2 1.0 25 3 357 2357 2sb1216 / 2sd1816 v ce =10v itr09258 2sb1216 2sd1816 cob -- v cb 10 1.0 3 2 100 5 3 2 7 7 5 57 10 22 357 23 57 100 itr09259 2sb1216 2sd1816 itr09265 0 1 25 20 15 10 5 100 140 150 120 160 20 060 40 80 2sd1816 i c / i b =10 5235235 --1.0 23 5 --10 --0.1 --0.01 --10 3 2 7 5 3 7 5 --1.0 2 itr09262 2sb1216 i c / i b =10 2sd1816 i c / i b =10 itr09260 2sb1216 i c / i b =10 ta= --25 c 25 c 75 c ta=75 c 25 c --25 c 0.1 1.0 0.01 52352 10 35 235 5 3 2 5 3 2 1000 7 5 3 2 7 100 10 itr09261 ta=75 c 25 c --25 c 5235235 0.01 0.1 1.0 23 5 10 10 3 2 7 5 3 7 5 1.0 2 itr09263 ta= --25 c 25 c 75 c itr09264 i c i cp 1ms 10ms 100ms dc operation (tc=25 c) dc operation (ta=25 c) 10 1.0 5 3 2 5 3 2 5 3 2 5 0.1 0.01 25 3 1.0 25 3 10 25 3 100 2 --0.1 --1.0 --0.01 5235235235 --10 5 3 2 5 3 2 --1000 5 3 2 --100 --10 tc=25 c single pulse for pnp, the minus sign is omitted. 2sb1216 / 2sd1816 v ce (sat) -- i c collector current, i c -- a v ce (sat) -- i c collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv collector-to-emitter saturation voltage, v ce (sat) -- mv f t -- i c gain-bandwidth product, f t -- mhz collector current, i c -- a output capacitance, cob -- pf collector-to-base voltage, v cb -- v v be (sat) -- i c collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v v be (sat) -- i c base-to-emitter saturation voltage, v be (sat) -- v collector current, i c -- a a s o collector current, i c -- a collector-to-emitter voltage, v ce -- v collector dissipation, p c -- w ambient temperature, ta -- c p c -- ta for pnp, the minus sign is omitted. for pnp, the minus sign is omitted. no heat sink ideal heat dissipation
2sb1216 / 2sd1816 no.2540-5/9 taping speci cation 2sb1216s-tl-e, 2sb1216s-tl-h, 2sb1216t-tl-e2sb1216t-tl-h, 2SD1816S-TL-E, 2sd1816s-tl-h, 2sd1816t-tl-e, 2sd1816t-tl-h
2sb1216 / 2sd1816 no.2540-6/9 outline drawing land pattern example 2sb1216s-tl-e, 2sb1216s-tl-h, 2sb1216t-tl-e2sb1216t-tl-h, 2SD1816S-TL-E, 2sd1816s-tl-h, 2sd1816t-tl-e, 2sd1816t-tl-h mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
2sb1216 / 2sd1816 no.2540-7/9 bag packing speci cation 2sb1216s-e, 2sb1216s-h, 2sb1216t-e, 2sb1216t-h, 2sd1816s-e, 2sd1816s-h, 2sd1816t-e, 2sd1816t-h
2sb1216 / 2sd1816 no.2540-8/9 outline drawing 2sb1216s-e, 2sb1216s-h, 2sb1216t-e, 2sb1216t-h, 2sd1816s-e, 2sd1816s-h, 2sd1816t-e, 2sd1816t-h mass (g) unit 0.315 * for reference mm
2sb1216 / 2sd1816 ps no.2540-9/9 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of 2SD1816S-TL-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X